Part Number Hot Search : 
SL5001P 1N6314 BR10100 SGW10N60 WOSD05 07910 R6030 AMG8852
Product Description
Full Text Search
 

To Download SDR0604-2R2ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL
IA
Features
Available in E12 series Small diameter of only 5.8 mm maxi-
Applications
Input/output of DC/DC converters Power supplies for: * Portable communication equipment * Camcorders * LCD TVs * Car radios
oH
S
CO
M
NT
mum Profile of 4.8 mm RoHS compliant*
*R
SDR0604 Series - SMD Power Inductors
Electrical Specifications
Inductance 1kHz Bourns Part No. (H) Tol. % Q Ref. Test Frequency (MHz) SRF Min. (MHz) I rms Max. (A) I sat Typ. (A)
RDC ()
SDR0604- 1R2ML SDR0604- 1R5ML SDR0604- 2R2ML SDR0604- 2R7ML SDR0604- 3R3ML SDR0604-3R9ML SDR0604- 4R7ML SDR0604- 5R6ML SDR0604- 6R8ML SDR0604- 8R2ML SDR0604- 100ML SDR0604- 120ML SDR0604- 150YL SDR0604- 180YL SDR0604- 220YL SDR0604- 270YL SDR0604- 330KL SDR0604- 390KL SDR0604- 470KL SDR0604- 560KL SDR0604- 680KL SDR0604- 820KL SDR0604- 101KL SDR0604- 121KL SDR0604- 151KL SDR0604- 181KL SDR0604- 221KL SDR0604- 271KL SDR0604- 331KL SDR0604- 391KL SDR0604- 471KL SDR0604- 561KL SDR0604- 681KL SDR0604- 821KL
1.2 1.5 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820

20 20 20 20 20 20 20 20 20 20 20 20 15 15 15 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
35 32 33 22 22 22 20 20 20 20 30 30 30 30 30 28 24 24 22 22 22 20 20 22 20 20 20 26 25 25 25 24 26 25
7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.252 0.252 0.252
155 108 79 65 60 40 34 30 28 26 23 22 20 18 16 14 13 13 12 11 10 9 9 7 6 6 6 4 3 3 3 3 2 2
0.02 0.03 0.06 0.06 0.07 0.07 0.08 0.08 0.12 0.09 0.10 0.12 0.14 0.15 0.19 0.22 0.25 0.32 0.37 0.42 0.52 0.60 0.70 0.93 1.10 1.38 1.57 1.88 2.25 2.48 3.30 4.00 4.65 5.20
4.2 3.60 2.80 2.30 2.00 1.90 1.80 1.70 1.60 1.50 1.45 1.40 1.30 1.25 1.10 1.00 0.88 0.80 0.72 0.68 0.62 0.58 0.52 0.48 0.40 0.38 0.35 0.32 0.27 0.25 0.21 0.18 0.16 0.14
7.30 6.10 5.10 3.80 3.50 3.20 3.00 2.70 2.50 2.30 2.00 1.90 1.60 1.50 1.40 1.30 1.10 1.00 1.00 0.90 0.84 0.75 0.68 0.60 0.54 0.50 0.44 0.40 0.36 0.34 0.30 0.26 0.25 0.20
General Specifications Test Voltage........................................1 V Reflow soldering.....230 C, 50 sec max. Operating Temperature .-40 C to +125 C (Temperature rise included) Storage Temperature..-40 C to +125 C Resistance to Soldering Heat ..................................260 C for 5 sec. Materials Core ................................Ferrite DR core Wire .............................Enameled copper Terminal:....................................Ag/Ni/Sn Rated Current..Ind. drop 10 % typ. at Isat Temperature Rise ......................40 C max. at rated Irms Packaging.....................400 pcs. per reel Product Dimensions
5.8 (.228) MAX.
4.8 MAX. (.189)
1.8 TYP. (.071)
5.8 MAX. (.228)
Recommended Layout
5.8 (.228)
6.0 (.236)
1.8 (.071)
Typical Part Marking
START
101
FINISH
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
DIMENSIONS:
MM (INCHES)
SDR0604 Series - SMD Power Inductors
Packaging Specifications
DIMENSIONS:
178.0 DIA. (7.00) 2.0 0.5 (.079 .020) 18.4 (.724) THICKNESS 0.10 (.004) MAX. 50.0 (1.969) 13.0 0.5 DIA. (.512 .020) 14.0 (.551) EMBOSSED CARRIER
MM (INCHES)
21.0 0.8 (.827 .031)
13.0 0.5 (.512 .020) DIA.
EMBOSSED CAVITY
END
4 (.157)
START
12 (.472)
4.9 (.117)
8 (.315)
NO COMPONENT COMPONENTS NO COMPONENT
160 (6.299)
3200 (125.984)
400 (15.748)
USER DIRECTION OF FEED
QTY: 400 PCS. PER REEL
REV. 05/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SDR0604-2R2ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X